전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.5
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6931• V1.5
DIO6931
High-Efficiency 3 A, 30 V Input Synchronous
Step-Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
80 mΩ/40 mΩ, 3.0 A
4.5 ~ 30 V input voltage range
High-efficiency synchronous-mode
Internal soft start limits the inrush current
Overcurrent protection
Thermal shutdown
Available in TSOT23-6 package
Applications
Portable navigation devices
Set top boxes
Portable TVs
LCD TVs
Function Block
Descriptions
The DIO6931 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 3 A output currents.
The DIO6931 operates over a wide input voltage
range from 4.5 V to 30 V and integrates the main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The COT architecture with pseudo-fixed switching
frequency operation provides fast transient
response and eases loop stabilization. DIO6931
operates in pulse skip mode, which maintains
high efficiency during light-load operation.
Protection
features
include
overcurrent
protection and thermal shutdown.
The DIO6931 requires a minimal number of
readily-available, standard external components
and is available in a space-saving TSOT23-6
package.
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO6931TST6
31YW
3
Green
-40 to 85 °C
TSOT23-6
Tape & Reel, 3000


유사한 부품 번호 - DIO6931

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO69319 DIOO-DIO69319 Datasheet
1Mb / 16P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Version 1.0, Jul 2023
DIO69319TST6 DIOO-DIO69319TST6 Datasheet
1Mb / 16P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Version 1.0, Jul 2023
DIO6931U DIOO-DIO6931U Datasheet
1Mb / 15P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Nov 2025
DIO6931UTST6 DIOO-DIO6931UTST6 Datasheet
1Mb / 15P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Nov 2025
More results

유사한 설명 - DIO6931

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com