전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931UTST6 데이터시트 (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6931UTST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
부품명 DIO6931UTST6
다운로드  DIO6931UTST6 다운로드
파일 크기   1737.57 Kbytes
페이지   15 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter

DIO6931UTST6 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DIO6931UTST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931UTST6
다운로드  DIO6931UTST6 Click to download

파일 크기   1737.57 Kbytes
페이지   15 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter

DIO6931UTST6 데이터시트 (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6931UTST6 제품 세부 정보

 Features
 Low RDS(ON) for internal switches (top/bottom)
80 mΩ/40 mΩ, 3 A
 4.5 ~ 30 V input voltage range
 High-efficiency synchronous-mode
 Internal soft start limits the inrush current
 Overcurrent protection
 Thermal shutdown
 Available in TSOT23-6 package
 Applications
 Portable navigation devices
 Set top boxes
 Portable TVs
 LCD TVs
 Description
The DIO6931U is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 3 A output currents. The
DIO6931U operates over a wide input voltage range
from 4.5 V to 30 V and integrates the main switch
and synchronous switch with very low RDS(ON) to
minimize the conduction loss.
The COT architecture with pseudo-fixed switching
frequency operation provides fast transient
response and eases loop stabilization. DIO6931U
operates in pulse skip mode, which maintains high
efficiency during light-load operation.
Protection features include overcurrent protection
and thermal shutdown.
The DIO6931U requires a minimal number of
readily-available, standard external components and
is available in a space-saving TSOT23-6 package.




유사한 부품 번호 - DIO6931UTST6

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO6931 DIOO-DIO6931 Datasheet
2Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.5
DIO69319 DIOO-DIO69319 Datasheet
1Mb / 16P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Version 1.0, Jul 2023
DIO69319TST6 DIOO-DIO69319TST6 Datasheet
1Mb / 16P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Version 1.0, Jul 2023
DIO6931TST6 DIOO-DIO6931TST6 Datasheet
2Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.5
More results


유사한 설명 - DIO6931UTST6

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com