전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931TST6 데이터시트(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931TST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931TST6 데이터시트(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIO6931
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6931• V1.5
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.DIOO
does not Recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage (V+ – V-)
-0.3 to 36
V
VEN
EN voltage
VIN + 0.3
V
VFB
FB voltage
6
V
VBS
BS voltage
VSW + 6
V
VSW
SW voltage
<20 ns
-5 to 32
V
>20 ns
-0.3 to 30
V
ӨJA
Package thermal resistance
87.9
°C/W
ӨJC
42.2
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature
260
°C
ESD
Human-body mode (HBM)
±2000
V
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
4.5 to 30
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com