전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931TST6 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931TST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931TST6 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIO6931
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6931• V1.5
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 μH, COUT = 47 μF, TA = 25 °C, IOUT = 1 A, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Supply voltage
4.5
30
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VFB
Feedback reference voltage
0.754
0.765
0.776
V
IFB
FB input current
VFB = 3.3 V
-50
50
nA
RDS(ON)(1)
Top FET RON
80
mΩ
RDS(ON)(1)
Bottom FET RON
40
mΩ
ILIM(1)
Low side power FET current limit
3.0
4.0
A
VENH
EN rising threshold
TA = 25 °C
0.75
0.8
0.85
V
TA = -40 ~ 125 °C
0.69
0.8
0.91
V
VENL_HYS
Hysteresis
60
80
100
mV
VUVLO
VIN under-voltage unlock
Threshold, rising
4.45
V
VUVLO_HYS
UVLO hysteresis
300
mV
fSW
Switching frequency
700
kHz
Min ON time(1)
40
ns
Min OFF time(1)
180
ns
tSS(1)
Soft start time
1
ms
TSD(1)
Thermal shutdown temperature
148
°C
THYS(1)
Thermal shutdown hysteresis
20
°C
Note:
(1)
Guaranteed by design.
(2)
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com