전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931U 데이터시트(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931U
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931U 데이터시트(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6931U Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
7.3. Input capacitor CIN
This ripple current through input capacitor is calculated as:
ICIN_RMS = IOUT
D)
D(1
(2)
This formula has a maximum at VIN = 2VOUT condition, where ICIN_RMS = IOUT / 2. This simple worst-case
condition is commonly used for DC/DC design.
To minimize the potential noise problem, place a typical X5R or better grade ceramic capacitor really close to the
IN and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this case,
a 10 μF low ESR ceramic capacitor is recommended.
7.4. Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best performance,
it is recommended to use X5R or better grade ceramic capacitor greater than 22 µF capacitance.
7.5. Output inductor L1
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple
current to be about 40% of the maximum output current. The inductance is calculated as:
L1 =
40%
I
f
)
/V
V
(1
V
MAX
OUT,
SW
MAX
IN,
OUT
OUT
(3)
where fSW is the switching frequency and IOUT,MAX is the maximum load current. The DIO6931U regulator IC
is quite tolerant of different ripple current amplitude. Consequently, the final choice of inductance can be
slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN>IOUT,MAX +
L1
×
f
×
2
)
/V
V
(1
V
SW
MAX
IN,
OUT
OUT
-
(4)
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve
the desired efficiency requirement. It is desirable to choose an inductor with DCR < 50 mΩ to achieve
a good overall efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com