전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931U 데이터시트(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931U
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931U 데이터시트(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6931U Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6931U Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
8. Layout Design
The layout design of DIO6931U regulator is relatively simple. For the best efficiency and minimum noise
problems, we should place the following components close to the IC: CIN, L1, R1 and R2.
1) It is desirable to maximize the PCB copper area connected to GND pin to achieve the best thermal and
noise performance. If the board space allowed, a ground plane is highly desirable.
2) CIN must be close to pins IN and GND. The loop area formed by CIN and GND must be minimized.
3) The PCB copper area associated with SW pin must be minimized to avoid the potential noise problem.
4) The components R1 and R2, and the trace connected to the FB pin must NOT be adjacent to the SW net
on the PCB layout to avoid the noise problem.
5) If the system chip interfacing with the EN pin has a high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull down 1 MΩ
resistor between the EN and GND pins to prevent the noise from falsely turning on the regulator at
shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com