전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-BT2416C2 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 GS-BT2416C2
상세설명  Bluetooth class 2 module with embedded SPP SW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button GS-BT2416C2 Datasheet HTML 16Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 17Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 18Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 19Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 20Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 21Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 22Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 23Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AT command
GS-BT2416C2.AT1
20/32
A.10
AT+BTSECMODE
Indicate if the module requests the authentication upon the setup of a Bluetooth SPP link.
An authentication request translates into a pairing request if two devices have never been
paired before.
Syntax: AT+BTSECMODE=<0,1>
Parameters:
0: The module does not request authentication
1: The module requests authentication
Return value: <OK, ERROR>
A.11
AT+BTENCMODE
Indicate if the module requests an encrypted link upon the setup of a Bluetooth SPP link.
Syntax: AT+BTENCMODE=<0,1>
Parameters:
0: The module does not request encryption
1: The module requests encryption
Return value: <OK, ERROR>
A.12
AT+BTPINCODE
Set the pin code of the local module. The module’s pin code is used during a pairing
procedure. In order to be successful, the module’s pin code and the connection pin code
specified during a connection set-up must be identical. See AT+BTCONNECT for more
information.
Syntax: AT+BTPINCODE=”Pincode”
Parameters:
Pincode: 4 to 16-byte string representing the module’s pin code
Return value: <OK, ERROR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32