| 전자부품 데이터시트 검색엔진 |
|
TDA7541 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 76 page ![]() TDA7541 Electrical specifications and characteristics 15/76 13.20 fLP -3dB frequency low pass AM FMON=0 40 kHz Adjacent channel gain 13.21 GAC Gain 32 dB Adjacent channel filter 13.22 fHP -3dB frequency highpass ACF=0 100 kHz 13.23 f-20dB Attenuation 20dB 70 kHz 13.24 fBP Centre frequency ACF=1 100 kHz Multipath channel gain 13.25 GMP Gain 12 dB Multipath bandpass filter 13.26 fC Centre frequency 19 kHz 13.27 Q Quality factor 5 8 10 14. ISS (intelligent selectivity system) filter 450kHz 14.1 fcentre Centre frequency fREF_intern = 450kHz 450 kHz 14.2 BW 3dB Bandwidth, -3dB ISSBW = 1 70 80 90 kHz 14.3 BW 20dB Bandwidth, -20dB ISSBW = 1 132 150 168 kHz 14.4 BW 3dB Bandwidth, -3dB ISSBW = 0 106 120 135 kHz 14.5 BW 20dB Bandwidth, -20dB ISSBW = 0 220 250 280 kHz 14.6 BW 3dB Bandwidth weather band WBON = 1 18 22 26 kHz 14.7 BW 20dB -20dB weather band WBON = 1 tbd kHz Adjacent channel ISS filter threshold 14.8 VTHAC Internal low threshold ACTH 2.75 V 14.9 VTHAC Internal high threshold ACTH 3.05 V Multipath threshold 14.10 VTHMP Internal low threshold MPTH 0.50 V 14.11 VTHMP Internal high threshold MPTH 1.25 V ISS filter time constant 14.12 I30,31 Charge current low mid TISS, BWDEF = 1 -89 -74 -59 µA 14.13 I30,31 Charge current high mid TISS, BWDEF = 1 -72 -60 -48 µA 14.14 I30,31 Charge current low narrow TISS, BWDEF = 1 -148 -124 -99 µA 14.15 I30,31 Charge current high narrow TISS, BWDEF = 1 -132 -110 -88 µA 14.16 I30,31 Discharge current low TISS, BWDEF = 0 0.5 1 1.5 µA Table 6. FM section (continued) (Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz, fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified) Item Symbol Parameter Test conditions Min. Typ. Max. Unit |