| 전자부품 데이터시트 검색엔진 |
|
TDA7541 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 76 page ![]() Electrical specifications and characteristics TDA7541 16/76 14.17 I30,31 Discharge current high TISS, BWDEF = 0 11 15 19 µA 14.18 V30,31 Low voltage BWDEF = 0 0.1 0.2 V 14.19 V30,31 High voltage BWDEF = 1 4.6 4.9 V ISS filter switch threshold 14.20 V30,31 Threshold ISS on BWDEF = 0 3 V 14.21 V30,31 Threshold ISS off BWDEF = 0 1 V 14.22 V30,31 Threshold ISS narrow on BWDEF = 0 4 V 14.23 V30,31 Threshold ISS narrow off BWDEF = 0 2 V Deviation detection 14.24 I3 Charge current low TDEV -40 -32 -20 µA 14.25 I3 Charge current high TDEV -48 -39 -30 µA 14.26 I3 Discharge current low TDEV 0.5 1 1.5 µA 14.27 I3 Discharge current high TDEV 5.5 8 10.5 µA 14.28 DEVWTH Internal low threshold DWTH, I3 = 1µA 20 kHz 14.29 DEVWTH Internal high threshold DWTH, I3 = 1µA 50 kHz 14.30 RATIOmin Referred to threshold DTH 1 14.31 RATIOmax Referred to threshold DTH 1.5 15. Weak signal mute 15.1 V37 Upper start point WMTH=0, WMD=7, VIN=V56, AF=-3dB 2.9 V 15.2 V37 Lower start point WMTH=7, WMD=7, VIN=V56, AF=-3dB 2.7 V 15.3 aWMD Min. mute depth WMD=0, WMTH=7, V56 =OFF 10 14 dB 15.4 aWMD Max. mute depth WMD=7, WMTH=7, V56=OFF 22 26 dB 15.5 aMTHISS Mute threshold below WMTH for ISS filter “ON” WMD, WMTH, VIN=V56 1dB 15.6 VACMTH Internal AC mute threshold ACMTH 40 260 mV 15.7 aACMD AC mute depth ACMD 3 8 dB 15.8 I42 Charge current -65 -47.5 -30 μA 15.9 I42 Discharge current 1.5 2.5 4 μA 16. Multiplexer output 16.1 V23 Output voltage low 0.1 0.2 V 16.2 V23 Output voltage high 4.6 4.9 V Table 6. FM section (continued) (Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz, fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified) Item Symbol Parameter Test conditions Min. Typ. Max. Unit |