| 전자부품 데이터시트 검색엔진 |
|
RA4E2 데이터시트(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 데이터시트(HTML) 34 Page - Renesas Technology Corp |
|
34 / 91 page ![]() VCC RES Internal reset signal (low is valid) tRESWP tRESWT VCCmin Figure 2.12 RES pin input timing under the condition that VCC exceeds VPOR voltage threshold RES Internal reset signal (low is valid) tRESWD, tRESWS, tRESW tRESWT Figure 2.13 Reset input timing 2.3.4 Wakeup Timing Table 2.20 Timing of recovery from low power modes (1 of 2) Parameter Symbol Min Typ Max Unit Test conditions Recovery time from Software Standby mode*1 Crystal resonator connected to main clock oscillator System clock source is main clock oscillator*2 tSBYMC*13 — 2.1 2.4 ms Figure 2.14 The division ratio of all oscillators is 1. System clock source is PLL with main clock oscillator*3 tSBYPC*13 — 2.2 2.6 ms External clock input to main clock oscillator System clock source is main clock oscillator*4 tSBYEX*13 — 45 125 μs System clock source is PLL with main clock oscillator*5 tSBYPE*13 — 170 255 μs System clock source is sub-clock oscillator*6 *11 tSBYSC*13 — 0.7 0.8 ms System clock source is LOCO*7 *11 tSBYLO*13 — 0.7 0.9 ms System clock source is HOCO clock oscillator*8 tSBYHO*13 — 55 130 µs System clock source is PLL with HOCO*9 tSBYPH*13 — 175 265 µs System clock source is MOCO clock oscillator*10 tSBYMO*13 — 35 65 µs Recovery time from Deep Software Standby mode DPSBYCR.DEEPCUT[1] = 0 and DPSWCR.WTSTS [5:0] = 0x0E tDSBY — 0.38 0.54 ms Figure 2.15 DPSBYCR.DEEPCUT[1] = 1 and DPSWCR.WTSTS [5:0] = 0x19 tDSBY — 0.55 0.73 ms Wait time after cancellation of Deep Software Standby mode tDSBYWT 56 — 57 tcyc RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 34 of 91 |