| 전자부품 데이터시트 검색엔진 |
|
RA4E2 데이터시트(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 데이터시트(HTML) 41 Page - Renesas Technology Corp |
|
41 / 91 page ![]() Note: tPBcyc: PCLKB cycle. Note 1. tcac: CAC count clock source cycle. 2.3.8 SCI Timing Table 2.24 SCI timing (1) Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register. Parameter Symbol Min Max Unit Test conditions SCI Input clock cycle Asynchronous tScyc 4 — tPcyc Figure 2.26 Clock synchronous 6 — Input clock pulse width tSCKW 0.4 0.6 tScyc Input clock rise time tSCKr — 5 ns Input clock fall time tSCKf — 5 ns Output clock cycle Asynchronous tScyc 6 — tPcyc Clock synchronous 4 — Output clock pulse width tSCKW 0.4 0.6 tScyc Output clock rise time tSCKr — 5 ns Output clock fall time tSCKf — 5 ns Transmit data delay Clock synchronous master mode (internal clock) tTXD — 5 ns Figure 2.27 Clock synchronous slave mode (external clock) tTXD — 25 ns Receive data setup time Clock synchronous master mode (internal clock) tRXS 15 — ns Clock synchronous slave mode (external clock) tRXS 5 — ns Receive data hold time Clock synchronous tRXH 5 — ns Note: tPcyc: PCLKA cycle. tSCKW tSCKr tSCKf tScyc SCKn Note: n = 0, 9 Figure 2.26 SCK clock input/output timing RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 41 of 91 |