| 전자부품 데이터시트 검색엔진 |
|
AS3701 데이터시트(PDF) 51 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3701 데이터시트(HTML) 51 Page - ams-OSRAM AG |
|
51 / 110 page ![]() Page 50 ams Datasheet Document Feedback [v1-11] 2016-Dec-14 AS3701 − Detailed Description – System Functions IO Functions: Shows the different Vselect control modes, depending on the setting of the GPIO special function 5. Note(s): 1. AS3701B only Stand-By and Vselect Input This mode is very similar to the Vselect mode described in the previous paragraph. The chip is set into stand-by mode when the GPIOx pin goes high and wakes up again when the pin is pulled low and the gpio_restart_int_m [InterruptMask2] has been set before going into stand-by. Additional to the stand-by feature, the voltage setting of 2 regulators can be changed with the same command. This requires the setting of the corresponding regulator (sd1_stby_on and/or ldo1_stby_on and/or ldo2_stby_on [Reg_standby_mod1]). The gpioX_mode [GPIOxcontrol] should be set to input. The gpioX_iosf [GPIOxcontrol] should be set to Stand-by + vselect input. ≠5 ≠5 5 ≠5 ≠5 GPIO3 controls regulator selected by reg1_select and reg2_select (1) ≠5 ≠5 ≠5 5 ≠5 GPIO4 controls regulator selected by reg1_select and reg2_select (1) ≠5 ≠5 ≠5 ≠5 5 GPIO5 controls regulator selected by reg1_select and reg2_select (1) gpio1_ iosf gpio2_ iosf gpio3_ iosf gpio4_ iosf gpio5_ iosf Vselect Mode |