전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7263-BLGT 데이터시트(PDF) 25 Page - ams-OSRAM AG

부품명 AS7263-BLGT
상세설명  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263-BLGT 데이터시트(HTML) 25 Page - ams-OSRAM AG

Back Button AS7263-BLGT Datasheet HTML 21Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 22Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 23Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 24Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 25Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 26Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 27Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 28Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Page 24
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
Figure 25:
Integration Time Register
Figure 26:
Device Temperature Register
Figure 27:
LED Control Register
Addr: 0x05/0x85
INT_T
Bit
Bit Name
Default
Access
Bit Description
7:0
INT_T
0xFF
R/W
Integration time =
<value> * 2.8ms.
Addr: 0x06
Device_Temp
Bit
Bit Name
Default
Access
Bit Description
7:0
Device_Temp
R
Device temperature
data byte (
°C).
Addr: 0x07/0x87
LED Control
Bit
Bit Name
Default
Access
Bit Description
7:6
RSVD
0
R
Reserved.
5:4
ICL_DRV
00
R/W
LED_DRV current limit
‘b00=12.5mA; ‘b01=25mA;
‘b10=50mA; ‘b11=100mA
3LED_DRV
0
R/W
Enable LED_DRV
1: Enabled; 0: Disabled.
2:1
ICL_IND
00
R/W
LED_IND current limit
‘b00=1mA; ‘b01=2mA; ‘b10=4mA;
‘b11=8mA
0LED_IND
0
R/W
Enable LED_IND
1: Enabled; 0: Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com