| 전자부품 데이터시트 검색엔진 |
|
AS7263-BLGT 데이터시트(PDF) 30 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7263-BLGT 데이터시트(HTML) 30 Page - ams-OSRAM AG |
|
30 / 46 page ![]() Datasheet, Public Page 29 [v4-00] 2022-Nov-30 Document Feedback AS7263 − Detailed Description Figure 31: UART Protocol AT Command Interface The microprocessor interface to control the NIR Spectral_ID Sensor is via the UART, using the AT Commands across the UART interface. The 6-channel Spectral _ID sensor provides a text-based serial command interface borrowed from the “AT Command” model used in early Hayes modems. For example: • Read DATA value: ATDATA → <data>OK • Set the gain of the sensor to 1x: ATGAIN =0 → OK The “AT Command Interface Block Diagram”, shown below be- tween the network interface and the core of the system, pro- vides access to the Spectral_ID engine’s control and configura- tion functions. Figure 32: AT Command Interface Block Diagram Start Bit TX D0 D1 D2 D3 D4 D5 D6 D7 D0 D0 D1 D2 D3 D4 D5 D6 D7 D0 Tbit=1/Baude Rate Stop Bit Next Start Sample Points Start Bit detected After Tbit/2: Sampling of Start Bit After Tbit: Sampling of Data RX P Parity Bit P Always Low Always High Even or odd Data Bits AT Command Interface Spectral_ID Engine AT Command Interface RX uP TX AS726x AT Command Interface AT Commands |