| 전자부품 데이터시트 검색엔진 |
|
RA4M3 데이터시트(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 데이터시트(HTML) 22 Page - Renesas Technology Corp |
|
22 / 98 page ![]() Table 1.16 Pin list (4 of 4) Power, System, Clock, Debug, CAC I/O ports Ex. Interrupt SCI/IIC/SPI/CAN/USBFS/QSPI/SSIE/ SDHI/MMC GPT/AGT/RTC ADC12/DAC12 CTSU 139 L11 99 63 H7 — P001 IRQ7-DS — — AN001/AN101 — 140 N11 100 64 H8 — P000 IRQ6-DS — — AN000/AN100 — 141 K9 — — — VSS — — — — — — 142 K10 — — — VCC — — — — — — 143 N12 — — — — P512 IRQ14 TXD4/MOSI4/SDA4/SCL1_A/CTX1 GTIOC0A — — 144 M12 — — — — P511 IRQ15 RXD4/MISO4/SCL4/SDA1_A/CRX1 GTIOC0B — — Note: Several pin names have the added suffix of _A, _B, and _C. The suffix can be ignored when assigning functionality. RA4M3 Datasheet 1. Overview R01DS0368EJ0150 Rev.1.50 Apr 25, 2025 Page 22 of 98 |