| 전자부품 데이터시트 검색엔진 |
|
DIO69201TST6 데이터시트(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO69201TST6 데이터시트(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD |
|
2 / 11 page ![]() DIO69201 www.dioo.com © 2023 DIOO MICROCIRCUITS CO., LTD DIO69201• Rev. 1.1 Pin Assignments Figure 1. TSOT23-6 (Top view) Pin Definitions Pin Name Description GND Power ground SW Inductor pin. Connect this pin to the switching node of inductor. VIN Power input FB Output feedback pin. Connect this pin to the center point of the output resistor divider (as shown in Figure 1) to program the output voltage: VOUT = 0.765×(1+R1/R2).Add optional C2 (10 pF ~ 47 pF) to speed up the transient response. EN Enable control. Pull high to turn on. Do not float. BS Bootstrap. Connect a capacitor and a resistor between SW and BS pins to form a floating supply across the high-side switch driver. Recommend to use 0.1 μF BS capacitor. |