전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO69201TST6 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO69201TST6
상세설명  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69201TST6 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO69201TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69201TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO69201
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO69201• Rev. 1.1
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 μH, COUT = 22 μF, TA = 25°C, IOUT = 1 A unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
4.5
24
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VREF
Feedback reference voltage
0.754
0.765
0.776
V
IFB
FB input current
VFB = VIN
-50
50
nA
RDS(ON)
Top FET RON
120
mΩ
RDS(ON)
Bottom FET RON
70
mΩ
ILIM
Bottom FET valley current limit
2
A
VENH
EN rising threshold
1.5
V
VENL
EN falling threshold
0.4
V
VUVLO
Input UVLO threshold
4.5
V
fSW
Switching frequency
700
kHz
TON
ON time
VIN = 12 V, VOUT = 1.2 V, IOUT = 1 A
200
ns
Min ON time
50
ns
Min OFF time
100
ns
TSS
Soft start time
1
ms
TSD
Thermal shutdown temperature
150
°C
THYS
Thermal shutdown hysteresis
15
°C
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com