전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO69319TST6 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO69319TST6
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69319TST6 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO69319TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69319TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DIO69319, Version 1.0, Jul 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
I
DIO69319
High-Efficiency 3 A, 24 V Input Synchronous
Step-Down Converter
Description
The DIO69319 is a high-efficiency, high-frequency synchronous step-down DC-DC regulator ICs capable of
delivering up to 3 A output currents. The DIO69319 family operates over a wide input voltage range from 4.5 V
to 24 V and integrates the main switch and synchronous switch with very low RDS(ON) to minimize the
conduction loss.
The pure COT architecture with pseudo-fixed switching frequency operation provides a fast transient
response and eases loop stabilization. Protection features include over-current protection and thermal
shutdown.
The DIO69319 always operates in continuous conduction mode, which reduces the output ripple voltage
under light load compared to discontinuous conduction mode. The DIO69319 is stable, with an extremely low
ESR and high capacitance.
The DIO69319 requires a minimal number of readily-available, standard, external components and is
available in a space-saving TSOT23-6 package.
Features
Low RDS(ON) for internal switches (top/bottom)
80 mΩ/40 mΩ, 3.0 A
4.5 V ~ 24 V input voltage range
High-efficiency synchronous-mode
Internal soft-start limits the inrush current
Over-current protection
Output short circuit protection with hiccup mode
Thermal shutdown
Available in TSOT23-6 package
Applications
Portable navigation devices
Portable navigation devices
Set top boxes
Portable TVs
LCD TVs


유사한 부품 번호 - DIO69319TST6

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO6931 DIOO-DIO6931 Datasheet
2Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.5
DIO6931TST6 DIOO-DIO6931TST6 Datasheet
2Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.5
DIO6931U DIOO-DIO6931U Datasheet
1Mb / 15P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Nov 2025
DIO6931UTST6 DIOO-DIO6931UTST6 Datasheet
1Mb / 15P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Nov 2025
More results

유사한 설명 - DIO69319TST6

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com