전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADLCAC 데이터시트(PDF) 85 Page - Renesas Technology Corp

부품명 R7KA8M2ADLCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAC 데이터시트(HTML) 85 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAC Datasheet HTML 81Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 82Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 83Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 84Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 85Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 86Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 87Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 88Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 295 page
background image
Table 2.36
Increase when the PVD1, PVD2, PVD4, PVD5 or Battery power supply switch is enabled in Deep
Software Standby mode 1 and 2.
Parameter
Symbol Typ
Max
Unit
Test
conditions
95 °C
105 °C
125 °C
Supply current
Common circuit when enabling PVDn
(n=1, 2, 4, 5) or disabling low power
consumption function of PVD0 for the
battery power supply switch control
(OFS1(_SEC).PVDLPSEL=1) in Deep
Software Standby mode 1
ICC
4.00
—
—
—
μA
—
Common circuit when enabling PVDn
(n=1, 2, 4, 5) or disabling low power
consumption function of PVD0 for the
battery power supply switch control
(OFS1(_SEC).PVDLPSEL=1) in Deep
Software Standby mode 2
4.00
—
—
—
—
PVD1 enabled
2.00
—
—
—
—
PVD2 enabled
2.00
—
—
—
—
PVD4 enabled
2.00
—
—
PVD5 enabled
2.00
—
—
—
—
Battery power supply switch enabled
with following conditions.*1
● Battery power supply switch enable
(VBTBPCR1.BPWSWSTP=0), and
low power consumption function
of PVD0 select at Deep
Software Standby mode disable
(OFS1(_SEC).PVDLPSEL=1).
2.00
—
—
—
—
Note 1. Consumption current is not increased in other condition.
Table 2.37
Increase when the sub-clock oscillator and RTC are enabled in Deep Software Standby mode 1, 2 and
3.
Parameter
Symbol Typ
Max
Unit
Test
conditions
95 °C
105
°C
125
°C
Supply current When a crystal oscillator is in
use
Low Power mode
3
ICC
0.31
—
—
—
μA
—
Low Power mode
2
0.43
—
—
—
—
Low Power mode
1
0.52
—
—
—
—
Standard mode
0.78
—
—
—
—
RTC is operating
0.30
—
—
—
—
Table 2.38
Inrush current
Parameter
Symbol
Typ
Max
Unit
Test
conditions
95 °C
105 °C 125 °C
Supply
current
Inrush current
on Cold Start
Inrush current of
VCC_DCDC*1
IRUSH
—
1330
1330
1330
mA
—
Inrush current
on returning
from deep
software
standby mode
DPSBYCR.DC
SSMODE=1
—
1270
1270
1270
—
DPSBYCR.DC
SSMODE=2
—
1170
1170
1170
—
DPSBYCR.DC
SSMODE=3
—
1160
1160
1160
—
Note 1. Reference value
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 85 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com