전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADLCAC 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 R7KA8M2ADLCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAC 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAC Datasheet HTML 6Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 295 page
background image
Table 1.13
Product list
Product part number Product group CPU
Package code
Code MRAM SRAM Flash Operating junction temperature
R7KA8M2ADLCAB
A
single PLBG0224JA-A 512 KB
2 MB
—
0 to 95 °C
R7KA8M2ADLCAC
PLBG0289JA-A
R7KA8M2ADDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8M2ADDCAC
PLBG0289JA-A
R7KA8M2ADECAB
C
PLBG0224JA-A
-40 to 125 °C
R7KA8M2ADECAC
PLBG0289JA-A
R7KA8M2ADECHC
PLQP0176KK-A
R7KA8M2AFLCAM
A
PLBG0169xx-x
1 MB
0 to 95 °C
R7KA8M2AFLCAB
PLBG0224JA-A
R7KA8M2AFLCAC
PLBG0289JA-A
R7KA8M2AFDCAM
B
PLBG0169xx-x
-40 to 105 °C
R7KA8M2AFDCAB
PLBG0224JA-A
R7KA8M2AFDCAC
PLBG0289JA-A
R7KA8M2AFECAB
C
PLBG0224JA-A
-40 to 125 °C
R7KA8M2AFECAC
PLBG0289JA-A
R7KA8M2AFECHC
PLQP0176KK-A
R7KA8M2JFLCAM
A
dual
PLBG0169xx-x
1 MB
0 to 95 °C
R7KA8M2JFLCAB
PLBG0224JA-A
R7KA8M2JFLCAC
PLBG0289JA-A
R7KA8M2JFDCAM
B
PLBG0169xx-x
-40 to 105 °C
R7KA8M2JFDCAB
PLBG0224JA-A
R7KA8M2JFDCAC
PLBG0289JA-A
R7KA8M2JFECAB
C
PLBG0224JA-A
-40 to 125 °C
R7KA8M2JFECAC
PLBG0289JA-A
R7KA8M2JFECHC
PLQP0176KK-A
R7JA8M2JRLSAJ
A
dual
PLBG0303GA-A 1 MB
4 MB 0 to 95 °C
R7JA8M2JSLSAJ
8 MB
R7JA8M2JRDSAJ
B
4 MB -40 to 105 °C
R7JA8M2JSDSAJ
8 MB
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 10 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com