전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 58 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 58 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 54Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 55Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 56Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 57Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 58Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 59Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 60Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 61Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 295 page
background image
Table 2.9
Current of high-speed mode, maximum condition (MVE and peripheral operation) (External VDD
mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
125 °C
Supply
current
*1 *2*5
—
ICC
3.85
6.27
6.69
8.01
mA
—
CPUCL
K0 = 1
GHz
CPUCL
K1 =
250
MHz
VCL =
voltage
range 1
IDD *3
452
873
—
—
mA
MRICLK = 250 MHz, MRPCLK = 125 MHz, ICLK
= 250 MHz, BCLK = 125 MHz, PCLKA = 125
MHz, PCLKB = 62.5 MHz, PCLKC = 125MHz,
PCLKD = 250 MHz, PCLKE = 250 MHz
CPUCL
K0 =
800
MHz
CPUCL
K1 =
200
MHz
VCL =
voltage
range 1
IDD *3
380
—
915
—
mA
MRICLK = 200 MHz, MRPCLK = 100 MHz, ICLK
= 200 MHz, BCLK = 100 MHz, PCLKA = 100
MHz, PCLKB = 50 MHz, PCLKC = 100 MHz,
PCLKD = 200 MHz, PCLKE = 200 MHz
CPUCL
K0 =
600
MHz
CPUCL
K1 =
200
MHz
VCL =
voltage
range 1
IDD *3
330
—
—
1000 *4
mA
MRICLK = 200 MHz, MRPCLK = 100 MHz, ICLK
= 200 MHz, BCLK = 100 MHz, PCLKA = 100
MHz, PCLKB = 50 MHz, PCLKC = 100 MHz,
PCLKD = 200 MHz, PCLKE = 200 MHz
CPUCL
K0 =
600
MHz
CPUCL
K1 =
150
MHz
VCL =
voltage
range 2
IDD *3
301
738
810
959
mA
MRICLK = 150 MHz, MRPCLK = 75 MHz, ICLK
= 150 MHz, BCLK = 75 MHz, PCLKA = 75 MHz,
PCLKB = 37.5 MHz, PCLKC = 75 MHz, PCLKD =
150 MHz, PCLKE = 150 MHz
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows. The ICLK items in the formula include CPU1 current.
IDD Typ. = 0.25 × fCPUCLK0 + 0.77 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 95℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 477 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 105℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 553 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 125℃) = 0.22 × fCPUCLK0 + 0.80 × fICLK + 709 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 95℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 464 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 105℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 537 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 125℃) = 0.22 × fCPUCLK0 + 0.93 × fICLK + 691 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. Do not let actual consumption current during operation exceed the current value described here.
Note 5. The power consumption is calculated as Power = VCC × Icc + VCL × IDD.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 58 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com