전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 119 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 119 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 115Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 116Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 117Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 118Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 119Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 120Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 121Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 122Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 295 page
background image
Table 2.48
Operation frequency value in high-speed mode (8 of 8)
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
SCI clock (SCICLK)
f
—
—
120
MHz
SPI clock (SPICLK)
—
—
333
Octal SPI clock (OCTACLK)
—
—
333
CANFD core clock (CANFDCLK)
—
—
80
ADC clock (ADCCLK)
25
—
120
GPT clock (GPTCLK)
—*1
—
300
USB clock (USBCLK)
—
—
48
USB clock (USB60CLK)
—
—
60
I3C clock (I3CCLK)
—
—
200
Asynchronous external bus clock (BCLKA)
—
—
133
EtherSW clock
(ESWCLK)
BGA package
—
—
250
HLQFP package
—
—
125
EtherSW-PHY clock (ESWPHYCLK)
—
—
500
Note 1. When the GPTCLK is used for A/D conversion clock, the GPTCLK frequency must be at least 25 MHz.
2.3.2
Clock Timing
Table 2.49
Clock timing except for sub-clock oscillator (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EBCLK pin output cycle
time
VCC = 2.70 V or above tBcyc
16.6
—
—
ns
Figure 2.25
VCC = 1.62 V or above
33.3
—
—
EBCLK pin output high
pulse width
VCC = 2.70 V or above tCH
3.3
—
—
ns
VCC = 1.62 V or above
9.6
—
—
EBCLK pin output low pulse
width
VCC = 2.70 V or above tCL
3.3
—
—
ns
VCC = 1.62 V or above
9.6
—
—
EBCLK pin output rise time
VCC = 2.70 V or above tCr
—
—
5.0
ns
VCC = 1.62 V or above
—
—
7.0
EBCLK pin output fall time
VCC = 2.70 V or above tCf
—
—
5.0
ns
VCC = 1.62 V or above
—
—
7.0
SDCLK pin output cycle time
tSDcyc
7.52
—
—
ns
SDCLK pin output high pulse width
tCH
1.0
—
—
ns
SDCLK pin output low pulse width
tCL
1.0
—
—
ns
SDCLK pin output rise time
tCr
—
—
2.7
ns
SDCLK pin output fall time
tCf
—
—
2.7
ns
EXTAL external clock input cycle time
tEXcyc
20.80
—
—
ns
Figure 2.26
EXTAL external clock input high pulse width
tEXH
5.30
—
—
ns
EXTAL external clock input low pulse width
tEXL
5.30
—
—
ns
EXTAL external clock rise time
tEXr
—
—
3.0
ns
EXTAL external clock fall time
tEXf
—
—
3.0
ns
Main clock oscillator frequency
fMAIN
8
—
48
MHz
—
Main clock oscillation stabilization wait time
(crystal)*1
tMAINOSCW
T
—
—
—*1
ms
Figure 2.27
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 119 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com