전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 134 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 134 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 130Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 131Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 132Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 133Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 134Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 135Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 136Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 137Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 295 page
background image
Table 2.56
Bus timing (3 of 3)
Condition 1: When using the CS area controller (CSC).
VCC = VCC_DCDC = VBATT = 1.62 V to 3.6 V, VCC2 = 1.62 V to 3.63 V
BCLK = 8 to 120 MHz, BCLKA = 8 to 120 MHz, EBCLK = 8 to 60 MHz (When VCC = VCC_USB = VBATT = 2.70 to 3.63 V)
BCLK = BCLKA = 8 to 60 MHz, EBCLK = 8 to 30 MHz (When VCC = VCC_USB = VBATT = 1.62 to 3.63 V)
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
EBCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 2: When using the SDRAM area controller (SDRAMC).
BCLK = SDCLK = 8 to 125 MHz, BCLKA = SDCLK = 8 to 133 MHz
VCC = VCC_DCDC = VBATT = 3.0 to 3.63 V, VCC2 = 1.62 V to 3.63V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
SDCLK: High-speed high drive output is selected in the port drive capability bit in the PmnPFS register.
Others: High drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 3: When using the SDRAM area controller (SDRAMC) and CS area controller (CSC) simultaneously.
BCLK = SDCLK = 8 to 66 MHz, BCLKA = SDCLK = 8 to 66 MHz
VCC = VCC_DCDC = VBATT = 3.0 to 3.63 V, VCC2 = 1.62 V to 3.63V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
EBCLK/SDCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Condition
VCC/VCC2
Symbol
Min
Max
Unit
Test conditions
Address delay 2
(SDRAM)
Condition 2
3.0 V or above
tAD2
0.8
6.0
ns
Figure 2.45 to Figure
2.51
Condition 3
3.0 V or above
0.8
10
CS delay 2
(SDRAM)
Condition 2
3.0 V or above
tCSD2
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
DQM delay
(SDRAM)
Condition 2
3.0 V or above
tDQMD
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
CKE delay (SDRAM) Condition 2
3.0 V or above
tCKED
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
Read data setup
time 2 (SDRAM)
Condition 2
3.0 V or above
tRDS2
2.1
—
ns
Condition 3
3.0 V or above
6.1
—
Read data hold time
2 (SDRAM)
Condition 2
3.0 V or above
tRDH2
1.5
—
ns
Condition 3
3.0 V or above
1.5
—
Write data delay 2
(SDRAM)
Condition 2
3.0 V or above
tWDD2
—
6.0
ns
Condition 3
3.0 V or above
—
10
Write data hold time
2 (SDRAM)
Condition 2
3.0 V or above
tWDH2
0.8
—
ns
Condition 3
3.0 V or above
0.8
—
WE delay (SDRAM)
Condition 2
3.0 V or above
tWED
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
RAS delay (SDRAM) Condition 2
3.0 V or above
tRASD
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
CAS delay (SDRAM) Condition 2
3.0 V or above
tCASD
0.8
6.0
ns
Condition 3
3.0 V or above
0.8
10
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 134 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com