전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 185 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 185 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 181Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 182Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 183Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 184Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 185Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 295 page
background image
Table 2.65
IIC timing (1) (2 of 2)
Conditions:
1. Middle drive output is selected when VCC is 2.70 V or above, High drive output is selected when VCC is 1.62 to 1.95 V in the port drive
capability bit in the PmnPFS register for the following pins: SDA0_B, SCL0_B, SDA1_B, SCL1_B, SDA2_B, SCL2_B
2. The following pins do not require setting: SCL0_A, SDA0_A. SCL1_A, SDA1_A. SCL2_A, SDA2_A
3. Use pins that have a letter appended to their names, for instance “_A” or “_B”, to indicate group membership.
For the IIC interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
IIC
(Fast mode)
ICFER.FMPE = 0
SCL input cycle time
tSCL
2.70 V or above
6 (12) × tIICcyc + 600
—
ns
Figure 2.88
1.62 to 1.95 V
SCL input high pulse
width
tSCLH
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SCL input low pulse
width
tSCLL
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SCL, SDA rise time
tSr
2.70 V or above
20
300
ns
1.62 to 1.95 V
SCL, SDA fall time
tSf
2.70 V or above
20 × (external pullup
voltage/5.5 V)*1
300
ns
1.62 to 1.95 V
SCL, SDA input spike
pulse removal time
tSP
2.70 V or above
0
1 (4) × tIICcyc ns
1.62 to 1.95 V
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SDA input bus free time
when wakeup function is
enabled
tBUF
2.70 V or above
3 (6) × tIICcyc + 4 ×
tPcyc + 300
—
ns
1.62 to 1.95 V
START condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or above
tIICcyc + 300
—
ns
1.62 to 1.95 V
START condition input
hold time when wakeup
function is enabled
tSTAH
2.70 V or above
1 (5) × tIICcyc + tPcyc
+ 300
—
ns
1.62 to 1.95 V
Repeated START
condition input setup time
tSTAS
2.70 V or above
300
—
ns
1.62 to 1.95 V
STOP condition input
setup time
tSTOS
2.70 V or above
300
—
ns
1.62 to 1.95 V
Data input setup time
tSDAS
2.70 V or above
tIICcyc + 50
—
ns
1.62 to 1.95 V
Data input hold time
tSDAH
2.70 V or above
0
—
ns
1.62 to 1.95 V
SCL, SDA capacitive
load
Cb
2.70 V or above
—
400
pF
1.62 to 1.95 V
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKB cycle.
Note:
Values in parentheses apply when ICMR3.NF[1:0] is set to 11b while the digital filter is enabled with ICFER.NFE set to 1.
Note:
Must use pins that have a letter appended to their name, for instance “_A”, “_B”, to indicate group membership. For the IIC
interface, the AC portion of the electrical characteristics is measured for each group.
Note 1. Only supported for SCL0_A, SDA0_A, SCL1_A, SDA1_A, SCL2_A, and SDA2_A.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 185 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com