전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 190 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 190 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 189Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 190Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 191Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 192Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 193Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 295 page
background image
Table 2.69
IIC timing (1)-3
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
IIC
(Fast-mode +)
BFCTL.FMPE = 1
SCL input cycle time
tSCL
2.70 V or above,
1.65 to 1.95 V
10 (18) × tI3Ccyc + 240
—
ns
SCL input high pulse
width
tSCLH
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 120
—
ns
SCL input low pulse width tSCLL
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 120
—
ns
SCL, SDA rise time
tSr
2.70 V or above,
1.65 to 1.95 V
—
120
ns
SCL, SDA fall time
tSf
2.70 V or above,
1.65 to 1.95 V
20 × (external pull-up
voltage/3.3V)
120
ns
SCL, SDA input spike
pulse removal time
tSP
2.70 V or above,
1.65 to 1.95 V
0
1 (4) × tI3Ccyc
ns
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 120
—
ns
SDA input bus free time
when wakeup function is
enabled
5(9) × tI3Ccyc + 4 × tTcyc +
120
ns
START condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 120
—
ns
START condition input
hold time when wakeup
function is enabled
1(5) × tI3Ccyc + tTcyc + 120
ns
Restart condition input
setup time
tSTAS
2.70 V or above,
1.65 to 1.95 V
120
—
ns
Stop condition input setup
time
tSTOS
2.70 V or above,
1.65 to 1.95 V
120
—
ns
Data input setup time
tSDAS
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 30
—
ns
Data input hold time
tSDAH
2.70 V or above,
1.65 to 1.95 V
0
—
ns
SCL, SDA capacitive load Cb*1
2.70 V or above,
1.65 to 1.95 V
—
550
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: TCLK cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 190 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com