전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 212 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 212 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 208Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 209Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 210Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 295 page
background image
2.3.17
CANFD Timing
Table 2.77
CANFD interface timing
Conditions: Low drive output is selected when VCC is 2.70V or above. Middle drive output is selected when VCC is 1.62V or above.
Parameter
Symbol
VCC/VCC2
Min
Max
Unit
Test conditions
Internal delay
time
tnode
2.70 V or above
—
50
ns
Figure 2.110
1.62 V or above
—
50
Transmission rate
2.70 V or above
—
8
Mbps
1.62 V or above
—
8
Note:
Internal delay time (tnode) = Internal transfer delay time (toutput) + Internal receive delay time (tinput)
CTXn
CRXn
CANFD interface
Internal 
transmission
delay time
(toutput)
Internal 
reception delay
time
(tinput)
Figure 2.110
CANFD interface condition
2.3.18
PDG Timing
Table 2.78
PDG Timing
Parameter
Min
Typ
Max
Unit
Test conditions
Operation frequency
80
—
300
MHz
—
Resolution
—
48.8
—
ps
GTDLYCR.FRANGE
[1:0] = 00 and
GPTCLK = 160 MHz
—
52.1
—
ps
GTDLYCR.FRANGE
[1:0] = 01 and
GPTCLK = 300 MHz
DNL*1
—
±2.0
—
LSB
—
Note 1. This value normalizes the differences between lines in 1-LSB resolution.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 212 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com