전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 235 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 235 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 231Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 232Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 233Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 234Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 235Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 236Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 237Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 238Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 295 page
background image
Table 2.93
A/D conversion characteristics (SAR mode : DCDC mode) (6 of 6)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
SAR
mode
Differential
input
High
accuracy
mode
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
Without
channel
dedicated
sample and
hold circuits
Conversion
time*1
0.26
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 8 ADCLK
● Successive approximation time:
5 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1
±2.5
LSB
—
Full-scale
error
—
±1
±2.5
LSB
—
Absolute
accuracy
—
±2
±4
LSB
—
DNL
differential
nonlinearity
error *3
—
±0.75 ±1
LSB
—
INL integral
nonlinearity
error
—
±1.5
±2
LSB
—
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
With channel
dedicated
sample and
hold circuits
Conversion
time*2
1.72
—
—
µs
●
ADCLK: 50 MHz
●
Sampling time of channel-
dedicated sample-and-hold
circuits: 63 ADCLK
●
Hold mode switching time of
channel-dedicated sample-and-
hold circuits: 2 ADCLK
● Sampling time: 16 ADCLK
● Successive approximation time:
5 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1.5
±6.75 LSB
—
Full-scale
error
—
±1.5
±6.75 LSB
—
Absolute
accuracy
—
±3.5
±9
LSB
—
DNL
differential
nonlinearity
error *3
—
±1
-1 to
+1.5
LSB
—
INL integral
nonlinearity
error
—
±2.5
±3.5
LSB
—
Note:
These specification values are applicable when only one ADC16H is operating, DAC12 and ACMPHS are not operating, and there
is no access to the external bus during A/D conversion.
If other ADC unit, DAC12, or ACMPHS is operating or bus access occurs during A/D conversion, values might not fall within the
indicated ranges.
The use of ports 0 as digital outputs is not allowed when the ADC16H is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFH, VREFL0, VREFL, and ADC16H input voltage is stable.
Note 1. Without channel dedicated sample and hold circuits; The conversion time is the sum of the sampling time and the successive
approximation time. Each of the above state is indicated for the test conditions.
Note 2. With channel-dedicated sample-and-hold circuits; The conversion time is the sum of the sampling time of channel-dedicated
sample-and-hold circuits, the hold mode switching time, the sampling time and the successive approximation time. Each of the
above state is indicated for the test conditions.
Note 3. DNL is measured using the Histogram Method, so the lower limit value is -1.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 235 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com