| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2AFDCAM 데이터시트(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM 데이터시트(HTML) 50 Page - Renesas Technology Corp |
|
50 / 295 page ![]() Table 2.6 I/O IOH, IOL (3 of 5) Parameter VCC/VCC2/ AVCC0/ VCC_USB Symbol Min Typ Max Unit Permissible output current (maxvalue of total of all pins) Maximum of all output pins VCC2 I/O Ports PC00 to PC10 (total 11 pins) 1.62 V or above ΣIOH (max) — — −40 mA Ports P204, P205, P600 to P607 (total 10 pins) 1.62 V or above — — −40 Ports P202, P203, P313 to P315, P900, P901 (total 7 pins) 1.62 V or above — — −40 Ports P100 to P107, P800, P801 (total 10 pins) 1.62 V or above — — −40 Ports P500 to P502, P802 to P804, P808 to P812 (total 11 pins) 1.62 V or above — — −40 AVCC0 I/O 1.62 V or above — — -33 VCC_USB I/O 1.62 V or above — — -33 RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 50 of 295 |