전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAM 데이터시트(PDF) 123 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAM
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM 데이터시트(HTML) 123 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 119Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 120Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 121Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 122Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 123Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 124Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 125Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 126Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 295 page
background image
2.3.3
Reset Timing
Table 2.51
Reset timing
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse
width
Power-on
—
tRESWP
2.4
—
—
ms
Figure 2.32
Deep
Software
Standby
Mode 1
DPSBYCR.DCSSMODE
= 01
tRESWD
0.51
—
—
ms
Figure 2.33
DPSBYCR.DCSSMODE
= 10
0.67
—
—
DPSBYCR.DCSSMODE
= 11
1.00
—
—
Deep
Software
Standby
Mode 2
DPSBYCR.DCSSMODE
= 01
0.51
—
—
DPSBYCR.DCSSMODE
= 10
0.67
—
—
DPSBYCR.DCSSMODE
= 11
1.00
—
—
Deep
Software
Standby
Mode 3
DPSBYCR.DCSSMODE
= 01
0.68
—
—
DPSBYCR.DCSSMODE
= 10
0.84
—
—
DPSBYCR.DCSSMODE
= 11
1.20
—
—
Software Standby Mode
tRESWS
0.55
—
—
ms
CPU Deep Sleep mode (Subosc
operation)
tRESWSODS
0.16
—
—
ms
CPU Deep Sleep mode (Other than
SOSC operation)
tRESWDS
0.04
—
—
ms
SOSC
operation
PGSCR.PGS = 1
tRESWSO
0.27
—
—
ms
PGSCR.PGS = 0
0.30
—
—
Other than
above
PGSCR.PGS = 1
tRESW
0.15
—
—
ms
PGSCR.PGS = 0
0.18
—
—
Wait time after RES cancellation
tRESWT
—
78.7
79.1
µs
Figure 2.32
Wait time after internal reset cancellation (IWDT reset,
WDT0/1 reset, CPU0/1 Lockup reset, Bus Error reset,
Common Memory Error reset, Software reset, Local
Memory 0/1 error reset, Temperature monitor reset)
tRESW2
—
78.7
79.1
µs
—
VCC
RES
Internal reset signal
(low is valid)
tRESWP
tRESWT
VCCmin
Figure 2.32
RES pin input timing under the condition that VCC exceeds VPOR voltage threshold
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 123 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com