| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2JFECAB 데이터시트(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2JFECAB 데이터시트(HTML) 49 Page - Renesas Technology Corp |
|
49 / 295 page ![]() Table 2.6 I/O IOH, IOL (2 of 5) Parameter VCC/VCC2/ AVCC0/ VCC_USB Symbol Min Typ Max Unit Permissible output current (maxvalue of total of all pins) Maximum of all output pins VCC I/O Ports P411 to P415, P511 to P515, P708 to P715, P805 to P807 (total 21 pins) 1.62 V or above ΣIOH (max) — — −40 mA Ports P212, P213, P400 to P410 (total 13 pins) 1.62 V or above — — −40 Ports P700 to P707, PB00 to PB04 (total 13 pins) 1.62 V or above — — −40 Ports PB05 to PB07, PD06, PD07 (total 5 pins) 1.62 V or above — — −40 Ports P207, PD01 to PD05 (total 6 pins) 1.62 V or above — — −40 Ports P904, P910 to P913 (total 5 pins) 1.62 V or above — — −40 Ports P206, P304 to P312, P902, P903, P905 to P909 (total 17 pins) 1.62 V or above — — −40 Ports P108 to P115, P201, P208 to P211, P300 to P303, P609, P914, P915, PA11 (total 21 pins) 1.62 V or above — — −40 Ports P610 to P615, P813, PA04 to PA10, PA12 to PA15 (total 18 pins) 1.62 V or above — — −40 Ports P503 to P510, P608, PA00 to PA03, PC11 to PC15, PD00 (total 19 pins) 1.62 V or above — — −40 RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 49 of 295 |