전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS2781RYYR 데이터시트(PDF) 84 Page - Texas Instruments

부품명 TAS2781RYYR
상세설명  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR 데이터시트(HTML) 84 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 80Page - Texas Instruments TAS2781RYYR Datasheet HTML 81Page - Texas Instruments TAS2781RYYR Datasheet HTML 82Page - Texas Instruments TAS2781RYYR Datasheet HTML 83Page - Texas Instruments TAS2781RYYR Datasheet HTML 84Page - Texas Instruments TAS2781RYYR Datasheet HTML 85Page - Texas Instruments TAS2781RYYR Datasheet HTML 86Page - Texas Instruments TAS2781RYYR Datasheet HTML 87Page - Texas Instruments TAS2781RYYR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
19X (0.6)
26X (0.2)
(3.3)
(3.8)
(1.12)
22X (0.4)
8X (0.425)
8X (0.25)
2X (1)
(0.925)
2X (1)
(0.7)
(0.65)
4X (R0.12)
(0.95)
2X (0.7)
2X (0.62)
2X (0.78)
2X (0.6)
VQFN-HR - 1 mm max height
RYY0030A
PLASTIC QUAD FLATPACK - NO LEAD
4228222/B 05/2022
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
PKG
PKG
SEE SOLDER MASK DETAIL
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 20X
1
9
10
16
17
23
24
30
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com