| 전자부품 데이터시트 검색엔진 |
|
PLD200 데이터시트(PDF) 1 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
PLD200 데이터시트(HTML) 1 Page - Wavelength Electronics, Inc. |
|
1 / 5 page ![]() Application Note AN-LDTC04 Rev. A TEST LOAD BASICS January, 2014 Page 1 © 2014 • Sales & Technical Support: (406) 587-4910 • Sales@teamWavelength.com • www.teamWavelength.com Using a test load verifies that the rest of the equipment is set up correctly and in working order prior to attaching the laser diode. It also allows you to become familiar with trimpot rotation and sensitivity, to correctly set up wiring and monitoring, and to troubleshoot any problems that may arise. The test load processes that follow verify the current output in Constant Current mode and the limits are set up and can be monitored. When setting limits, you are able to see when the limits are reached and can adjust the set up of the controller accordingly. In Constant Power mode, the test load allows you to set up and monitor the simulated photodiode current. The following equipment is necessary when setting up a test load: • Laser diode driver or driver with evaluation board • Multimeter, set to read voltage • Oscilloscope (optional, needed only if testing analog modulation input) • Signal generator (optional, needed only if testing analog modulation input) • Test load, for examples see Figure 1 for Constant Current and Figure 2 and Figure 3 for Constant Power • 5 V Power supply • Connection cables or wires TABLE OF CONTENTS Why Use a Test Load for Laser Diode Set Up? page 1 About Test Loads in Constant Current page 2 Set Up a Test Load in Constant Current Mode page 2 About Test Loads in Constant Power page 3 Set Up a Test Load in Constant Power Mode page 3 About Temperature Controllers and Test Loads page 4 Set Up a Temperature Controller & Test Load page 4 INTRODUCTION What is a test load and why do I need to use one? How and when should I use one, and how do I know it’s working? These are questions our technical support staff are asked regularly, along with how to set up a test load and which load is best for each Wavelength product series. This Application Note will cover that information, as well as what equipment you need, when to use Constant Current or Constant Power modes, and how to prepare your equipment for the actual load. For the purposes of this paper, we will address using test loads with only temperature controllers and laser diode drivers. A test load is a tool for testing a device or system and measuring a response without using the application load and, ideally, the test load should closely mimic the eventual load. Using a test load is a good way to get familiar with a controller, test how it works, and make sure it operates as expected before the final set up. For example, laser diodes can be expensive and are usually not readily available, so destroying one during set up can be both costly and time consuming. To avoid this hazard, the system can be set up with a test load and tried before attaching the laser diode. A test load can also help show, through monitoring, what happens when limits are exceeded. Additionally, if you are having a problem while using a system, a test load can help troubleshoot any problems. NOTE: While this Application Note will address questions particular to using a test load, it is not meant to replace the product datasheets, which contain all of the equipment, instructions, calculations, and troubleshooting information needed to successfully use the products. WHY USE A TEST LOAD FOR LASER DIODE SET UP? |
유사한 부품 번호 - PLD200 |
|
유사한 설명 - PLD200 |