전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2ADLCAB 데이터시트(PDF) 76 Page - Renesas Technology Corp

부품명 R7KA8D2ADLCAB
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAB 데이터시트(HTML) 76 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAB Datasheet HTML 72Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 73Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 78Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 79Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 292 page
background image
Table 2.33
Standby current (DCDC mode) (3 of 3)
Parameter
Symbol
Typ
Max
Uni
t
Test conditions
95
°C
105 °C
Supply
current*1
Deep
Software
Standby
mode 2
ICC
3.04
98
122
μA
—
ICC_DCDC
0.16
0.8
5
1.24
—
Increase when
the function is
activated
PVDn (n = 0 to
2, 4, 5) or
Battery power
supply switch
ICC
See Table 2.36
—
Crystal oscillator
and RTC
See Table 2.37
—
Deep
Software
Standby
mode 3
ICC
2.78
97
121
—
ICC_DCDC
0.16
0.8
5
1.24
—
Increase when
the function is
activated
Crystal oscillator
and RTC
ICC
See Table 2.37
—
Supply
current*1
RTC
operating
while VCC
is off (with
the battery
backup
function,
only the
RTC
operate)
When a crystal oscillator with low
power mode 3 is in use
IVBAT
0.53
—
—
μA
VBATT = 1.8 V, VCC = 0 V
0.82
—
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with low
power mode 2 is in use
0.63
—
—
VBATT = 1.8 V, VCC = 0 V
0.94
—
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with low
power mode 1 is in use
0.73
—
—
VBATT = 1.8 V, VCC = 0 V
1.03
—
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with
standard mode is in use
0.99
—
—
VBATT = 1.8 V, VCC = 0 V
1.29
—
—
VBATT = 3.3 V, VCC = 0 V
When EXCIN is in use
0.30
—
—
VBATT = 1.8 V, VCC = 0 V
0.52
—
—
VBATT = 3.3 V, VCC = 0 V
Increase when
the function is
activated
RTCICn (n = 0
to 2) input is in
use per channel
0.01
—
—
VBATT = 1.8 V, VCC = 0 V
0.01
—
—
VBATT = 3.3 V, VCC = 0 V
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 76 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com