전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2ADLCAB 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 R7KA8D2ADLCAB
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAB 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 292 page
background image
Table 1.14
Function Comparison (2 of 2)
Parts number
R7KA8D
2AxxCA
C
R7KA8D
2BxxCA
C
R7KA8D
2JxxCA
C
R7KA8D
2KxxCA
C
R7KA8D
2AxxCA
B
R7KA8D
2BxxCA
B
R7KA8D
2JxxCA
B
R7KA8D
2KxxCA
B
R7JA8D
2JxxSAJ
R7JA8D
2KxxSAJ
Timers
GPT32*1
14
PDG
4
AGT*1
2
ULPT*1
2
RTC
Yes
Analog
ADC16H
Unit 0: 15, Unit 1: 15
Unit 0: 7, Unit 1: 5
Unit 0: 15, Unit 1: 15
DAC12
2
ACMPHS 4
TSN
Yes
HMI
GLCDC
RGB888
DRW
Yes
MIPI
DSI/CSI
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
VIN
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
CEU
Yes
Data
processin
g
CRC
Yes
DOC
Yes
Event
control
ELC
Yes
Security
RSIP-E50D, Decryption on-the-fly, Secure Debug, OTP, TrustZone, and Lifecycle management
Note:
The product name differs depending on the supported memory size. See section 1.3. Part Numbering.
Note:
The maximum frequency varies by product group.
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. OSPI1 is connected to the serial Flash in the SiP product.
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 12 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com