전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD154DRG 데이터시트(PDF) 2 Page - LightGraphix

부품명 LD154DRG
상세설명  DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTGRAPHIX [LightGraphix]
홈페이지  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DRG 데이터시트(HTML) 2 Page - LightGraphix

  LD154DRG Datasheet HTML 1Page - LightGraphix LD154DRG Datasheet HTML 2Page - LightGraphix LD154DRG Datasheet HTML 3Page - LightGraphix LD154DRG Datasheet HTML 4Page - LightGraphix LD154DRG Datasheet HTML 5Page - LightGraphix LD154DRG Datasheet HTML 6Page - LightGraphix LD154DRG Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LD154DRG
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 18 June 2026
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.5
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products to
us for repair or refurbishment to extend their life without having to buy new fittings.
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
Soil/Sleeve
-20°C to 55°C
-20°C to 55°C
-20°C to 40°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
N1
Soil/Sleeve
-20°C to 55°C
-20°C to 50°C
-20°C to 25°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
P1
Soil/Sleeve
-20°C to 25°C
N/A
-
Concrete
-20°C to 45°C
-20°C to 25°C
-
Glass
6mm thick toughened glass with black ceramic screen print
Materials
Black anodised aluminium body with black anodised bezel and glass front
Weight of product
0.52kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 250mm)
Engine
E3
N1
P1
Beam angles
9°, 11°, 22°, 29°, 42°, 56°, 10° x 39°
13°, 24°, 31°, 41°, 55°, 14° x 39°
20°, 27°, 31°, 42°, 55°, 19° x 41°
LED manufacturer
NICHIA
CREE
CREE
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
700mA [10W]
350mA [7W]
500mA [10W]
700mA [14W]
350mA [14W]
500mA [20W]
Typical LED Circuit wattage
4.4W
6.4W
9.2W
6.4W
9.3W
13.3W
13.3W
19.6W
Delivered lumens (L100)*
389
516
684
457
626
853
903
1285
Delivered lm/Circuit W**
88
80
74
71
67
64
68
66
Typical LED Source wattage
4W
5.8W
8.3W
5.8W
8.4W
12.0W
12.0W
17.6W
Source LED lm
574
740
949
694
937
1264
1449
1983
Source lm/W
144
128
114
120
112
105
121
113
Forward voltage (V100)
11.3V
11.6V
11.8V
16.6V
16.8V
17.1V
34.3V
35.2V
CRI
85
90***
93
90
Colour consistency
2 SDCM
2 SDCM
3 SDCM
Peak intensity
15,096 cd
11,052 cd
10,624 cd
LOR
0.72
0.67
0.65
TM30
RF86 | RG98
RF91 | RF99
RF90 | RG97
UGR rating (‘downlight’ mounted)
4
5
5.8
5.3
6.3
7.3
6.8
7.9
BUG rating (‘uplight’ mounted)
B0-U3-G0
B0-U4-G0
B0-U4-G0
B0-U5-G0
B0-U5-G0
LED lifetime
L90B5 at 90,000hrs
Applications
These values are based on LD154DRG-E3-700-830-ENB, LD154DRG-N1-700-930-NB and LD154DRG-P1-700-930-NB
*See lumen variance table to the right for N1 engine. E3 lumens apply across all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
***90 CRI available in 2700K/3000K only. Approx. 10% lumen drop will occur compared to 85 CRI variants
Lumen variance by CCT
2200K
-7%
2700K
+/- 0%
4000K
+7%
5000K
+16%



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com