전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD154DRG 데이터시트(PDF) 4 Page - LightGraphix

부품명 LD154DRG
상세설명  DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTGRAPHIX [LightGraphix]
홈페이지  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DRG 데이터시트(HTML) 4 Page - LightGraphix

  LD154DRG Datasheet HTML 1Page - LightGraphix LD154DRG Datasheet HTML 2Page - LightGraphix LD154DRG Datasheet HTML 3Page - LightGraphix LD154DRG Datasheet HTML 4Page - LightGraphix LD154DRG Datasheet HTML 5Page - LightGraphix LD154DRG Datasheet HTML 6Page - LightGraphix LD154DRG Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LD154DRG
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 7 | Data sheet issued: 18 June 2026
GLARE CONTROL OPTIONS
/GSHM154
Half-moon glare shield
For applications that require low
glare. Lumen output is typically
reduced by 60% with no light lost
on the lit surface.
/GSOB154
Oval beam glare shield
Reduces the angles at which glare
is visible without compromising
the oval output of the beam.
Useful when used in applications
where glare can be seen from two
sides, for example archways.
/HL
Honeycomb Louvre
Helps reduce glare from all angles
and can be used with glare shields.
/GS154
Glare shield
Standard glare shield, which
provides an excellent balance
between glare control and light
output. This accessory works well
in most applications.
/NGS
No glare shield
No glare shield. Low glare optic
and matt black anodised optic
holder aids in glare reduction.
/HT-154-G Trimless Family Hand tool
Our Trimless family fittings use a hand tool for easy intallation and removal that can be ordered separately. Use the /HT-154-G suction cup or a similar suction tool for the removal of the
fittings from their fixing options. Please contact your LightGraphix sales representative for more information.
How to use the hand tool
Once secured, pull the fitting from its fixing accessory. Apply force vertically to ensure the suction cup does not detach.
When adjusting or rotating the fitting do not use the HT-154-G hand tool to move in situ. Remove the fitting entirely, realign and then place the fitting back into its fixing option.
Note: Rotating the fitting while still in place may result in a comprimised IP seal.
1
2
Place suction cup over the glass
surface and lock in place by pulling
the leaver into a vertical postion.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com