| 전자부품 데이터시트 검색엔진 |
|
EHS-M2HC 데이터시트(PDF) 6 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
EHS-M2HC 데이터시트(HTML) 6 Page - PATLITE CORPORATION. |
|
6 / 13 page ![]() A. Volume Volume adjustment is done by turning the volume. * Factory Setting: Center Position B. SD Card Slot (side) The SD card can be used in combination with the alarm/melody sounds. C. Mode Switch (DIPSW) The setup for various functions is possible. * The figure depicts the EHS-□H□ (Cable Type) Mode Switch Function List 4. Part Names and Functions Drawing No. Rev. Page J (5) Forced Playback OFF (5) Forced Playback ON Function Name Setting Index Details (1) Sound Group Groups A-H * The user can edit sounds for group H. Refer to "5-1. Sound Group." (2) Channel Input Method Binary/Bit Refer to "5-2. Channel Input Method." (3) Sound Reduction No sound reduction/ -10dB/-20dB/-30dB Refer to "5-3. Sound Reduction." (4) Sound Mode Factory Mode / Public Address Mode Refer to "5-4. Sound Mode." (5) Forced Playback Forced Playback ON/OFF Refer to "5-5. Forced Playback." (6) Tone Selection Playback Sound Selection (1) Sound Group (2) Channel Input Method (3) Sound Reduction (4) Sound Mode (5) Forced Playback (6) Tone Selection (4) Sound Mode (5) Forced Playback Open Open Open Open Inside Cover 6/13 EHS-W18 |