| 전자부품 데이터시트 검색엔진 |
|
EHS-M2HC 데이터시트(PDF) 10 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
EHS-M2HC 데이터시트(HTML) 10 Page - PATLITE CORPORATION. |
|
10 / 13 page ![]() The alarm/melody audibility reprodution can be selected with the Mode Switch (DIPSW). - Factory Mode -- The audible sound is suitable as a warning alarm. - PA Mode -- The audible sound is suitable for public announcements. * Factory Setting: "Factory Mode" When the Forced Playback mode is turned ON, it will play back after power is supplied, even with no signal input. It can be used for testing the playback volume or when controlled by power supply start-up. The Forced Playback is selected for ON/OFF with the Mode Switch (DIPSW). The sound (channel) to play back can be selected by the Mode Switch (DIPSW). * Factory Setting: Forced Playback OFF 5-4. Sound Mode "Factory Mode" "Public Address Mode" Drawing No. Rev. Page J Mode Switch 1 2 3 4 5 1 5-5. Forced Playback Forced Playback OFF Forced Playback ON Sound Select Diagram 1 Sound No. Mode Switch Sound No. 17 O 2 3 4 5 18 O O 2 O 19 O O 3 O 20 O O O 4 O O 21 O O 5 O 22 O O O 6 O O 23 O O O 7 O O 24 O O O O 8 O O O 25 O O 9 O 26 O O O 10 O O 27 O O O 11 O O 28 O O O O 12 O O O 29 O O O 13 O O 30 O O O O 14 O O O 31 O O O O 15 O O O O -- Switch ON 32 O O O O O 16 O O O O 10/13 EHS-W18 |