| 전자부품 데이터시트 검색엔진 |
|
R5F526TFDDFP 데이터시트(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFDDFP 데이터시트(HTML) 68 Page - Renesas Technology Corp |
|
68 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 68 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Table 2.11 Standard Output Characteristics (1) Conditions: VCC = AVCC0 = AVCC1 = AVCC2 = 5.0 V, VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = 25°C Item Symbol Min. Typ. Max. Unit Test Conditions Output high voltage Normal drive output (all output pins) VOH —4.97— V IOH = –0.5 mA —4.94— IOH = –1.0 mA —4.87— IOH = –2.0 mA —4.74— IOH = –4.0 mA High-drive output (P00, P01, P10, P11, P20 to P24, P27, P30 to P33, P70 to P76, P80 to P82, P90 to P96, PA0 to PA5, PB0, PB3 to PB7, PD0 to PD7, PE0, PE1, PE3 to PE5, and PN6) —4.98— IOH = –0.5 mA —4.97— IOH = –1.0 mA —4.94— IOH = –2.0 mA —4.87— IOH = –4.0 mA Large current output (P71 to P76, P81, P90 to P95, PB5, PD3) —4.99— IOH = –0.5 mA —4.98— IOH = –1.0 mA —4.96— IOH = –2.0 mA —4.92— IOH = –4.0 mA —4.91— IOH = –5.0 mA Output low voltage Normal drive output (all output pins) VOL —0.02— V IOL = 0.5 mA —0.04— IOL = 1.0 mA —0.09— IOL = 2.0 mA —0.18— IOL = 4.0 mA High-drive output (P00, P01, P10, P11, P20 to P24, P27, P30 to P33, P70 to P76, P80 to P82, P90 to P96, PA0 to PA5, PB0, PB3 to PB7, PD0 to PD7, PE0, PE1, PE3 to PE5, and PN6) —0.01— IOL = 0.5 mA —0.03— IOL = 1.0 mA —0.05— IOL = 2.0 mA —0.10— IOL = 4.0 mA —0.42— IOL = 15.0 mA Large current output (P71 to P76, P81, P90 to P95, PB5, PD3) —0.01— IOL = 0.5 mA —0.02— IOL = 1.0 mA —0.04— IOL = 2.0 mA —0.07— IOL = 4.0 mA —0.09— IOL = 5.0 mA —0.18— IOL = 10.0 mA —0.28— IOL = 15.0 mA |