| 전자부품 데이터시트 검색엔진 |
|
R5F526TFDDFP 데이터시트(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFDDFP 데이터시트(HTML) 75 Page - Renesas Technology Corp |
|
75 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 75 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Figure 2.8 HOCO Clock Oscillation Start Timing (Oscillation is Started by Setting the HOCOCR.HCSTP Bit) Figure 2.9 High-Speed On-Chip Oscillator Power Supply Control Timing Table 2.19 HOCO Clock Timing Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions HOCO clock oscillation frequency fHOCO 15.84 (–1.0%) 16 16.16 (+1.0%) MHz –20°C ≤ Ta 17.82 (–1.0%) 18 18.18 (+1.0%) 19.80 (–1.0%) 20 20.20 (+1.0%) 15.76 (–1.5%) 16 16.24 (+1.5%) Ta < –20°C 17.73 (–1.5%) 18 18.27 (+1.5%) 19.70 (–1.5%) 20 20.30 (+1.5%) HOCO clock oscillation stabilization wait time tHOCOWT — 105 149 µs Figure 2.8 HOCO clock power supply stabilization time tHOCOP — — 150 µs Figure 2.9 HOCO clock HOCOCR.HCSTP OSCOVFSR.HCOVF tHOCOWT High-speed on-chip oscillator output Internal power supply for high-speed on-chip oscillator HOCOPCR.HOCOPCNT tHOCOP HOCOCR.HCSTP |