전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RZ/G2UL 데이터시트(PDF) 67 Page - Renesas Technology Corp

부품명 RZ/G2UL
상세설명  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL 데이터시트(HTML) 67 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 59Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 60Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 61Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 62Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 63Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 64Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 65Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 66Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 67Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 67 / 67 page
background image
© 2025 Renesas Electronics Corporation. All rights reserved.
Trademarks (continued)
For the “Cortex” notation, it is used as follows;
— Arm® Cortex®-A55
— Arm® Cortex®-M33
Note that after this page, they may be noted as Cortex-A55 and Cortex-M33 respectively.
Examples of trademark or registered trademark used in the RZ/G series, 2nd Generation User’s Manual: Hardware;
AMBA®: AMBA is a registered trademark of Arm Limited.
CoreLink™: CoreLink is a trademark of Arm Limited.
CoreSight™: CoreSight is a trademark of Arm Limited.
Mali™: Mali is a trademark of Arm Limited.
TrustZone®: TrustZone is a registered trademark of Arm Limited.
HyperFlash™: HyperFlash is a trademark of Cypress Semiconductor Corporation.
MIPI®: MIPI is a registered trademark of MIPI Alliance, Inc.
Neon™: Neon is a trademark of Arm Limited.
OpenGL ES™: OpenGL ES is a trademark of Khronos Group, Inc.
DynamIQ™: DynamIQ is a trademark of Arm Limited.
OctaFlash™: OctaFlash is a trademark of Macronix International Co., Ltd.
eMMC™: eMMC is a trademark of MultiMediaCard Association.
Note that in each section of the Manual, trademark notation of ® and TM may be omitted.
All other trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67