전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC03DE170HV 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STC03DE170HV
상세설명  Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV 데이터시트(HTML) 4 Page - STMicroelectronics

  STC03DE170HV_07 Datasheet HTML 1Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 2Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 3Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 4Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 5Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 6Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 7Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 8Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STC03DE170HV
4/9
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
VCS(dyn)
Collector-source
dynamic voltage
(1
µs)
VCC =VClamp =400V
VGS =10V
IC =1.5A
IB = 0.1A
RG =47Ω
tpeak =500ns
IBpeak =3A
9.5
V
VCSW
Maximum collector-
source voltage switched
without snubber
RG =47Ω
hFE =5
IC = 4A
1700
V
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
Figure 2.
Output characteristics
Figure 3.
Dynamic collector-source
saturation voltage
Figure 4.
Reverse biased safe
operating area
Figure 5.
Gate threshold voltage vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com