| 전자부품 데이터시트 검색엔진 |
|
MK50H25 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 64 page ![]() PLCC84 PACKAGE MECHANICAL DATA See following page for PLCC84 pin description DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 4.20 5.08 0.165 0.20 A1 0.51 0.020 A3 2.29 3.30 0.090 0.13 B 0.33 0.53 0.013 0.021 B1 0.66 0.81 0.026 0.032 C 0.25 0.01 D 30.10 30.35 1.185 1.195 D1 29.21 29.41 1.150 1.158 D2 27.69 28.70 1.090 1.130 D3 25.40 1.00 E 30.10 30.35 1.185 1.195 E1 29.21 29.41 1.150 1.158 E2 27.69 28.70 1.090 1.130 E3 25.40 1.00 e 1.27 0.05 L 0.64 0.025 L1 1.53 0.060 M 1.07 1.22 0.042 0.048 M1 1.07 1.42 0.042 0.056 MK50H25 62/64 |