전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KT-CSLNM1-13 데이터시트(PDF) 7 Page - ams-OSRAM AG

부품명 KT-CSLNM1-13
상세설명  OSRAM OSTAR™ Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-CSLNM1-13 데이터시트(HTML) 7 Page - ams-OSRAM AG

Back Button KT-CSLNM1-13 Datasheet HTML 3Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 4Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 5Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 6Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 7Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 8Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 9Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 10Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
KT CSLNM1.13
DATASHEET
DATASHEET
7 | Version 1.3 | 2025-07-25
Relative Spectral Emission 6)
Φ
rel = f (λ); IF = 1000 mA; TJ = 25 °C
KT CSLNM1.13
350
400
450
500
550
600
650
700
750
800
O /nm
0.0
0.2
0.4
0.6
0.8
1.0
)rel
:VO
:truegreen
Radiation Characteristics 6)
I
rel = f (ϕ); TJ = 25 °C
KT CSLNM1.13
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ /°
0.0
0.2
0.4
0.6
0.8
1.0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com