전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KT-CSLNM1-13 데이터시트(PDF) 9 Page - ams-OSRAM AG

부품명 KT-CSLNM1-13
상세설명  OSRAM OSTAR™ Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-CSLNM1-13 데이터시트(HTML) 9 Page - ams-OSRAM AG

Back Button KT-CSLNM1-13 Datasheet HTML 5Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 6Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 7Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 8Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 9Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 10Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 11Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 12Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
KT CSLNM1.13
DATASHEET
DATASHEET
9 | Version 1.3 | 2025-07-25
Forward current 6)
I
F = f(VF); TJ = 25 °C
KT CSLNM1.13
2.23.7
2.42.6 2.83.0 3.23.4
VF /V
40
500
1000
1500
2000
2500
3000
3500
4000
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(1000 mA) = f(IF); TJ = 25 °C
KT CSLNM1.13
IF /mA
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(1000mA)
Dominant Wavelength 6)
Δλ
dom = f(IF); TJ = 25 °C
KT CSLNM1.13
IF /mA
-10
-5
0
5
10
15
20
'O dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com