| 전자부품 데이터시트 검색엔진 |
|
S2-LPSQTR 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPSQTR 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 73 page ![]() Name Addr Default Bit Field name Description CHNUM 0D 00 7:0 CH_NUM Channel number. This value is multiplied by the channel spacing and added to the synthesizer base frequency to generate the actual RF carrier frequency, see Eq. (15). MOD4 0E 83 7:0 DATARATE_M[15:8] The MSB of the mantissa value of the data rate equation, see Eq. (13) . MOD3 0F 2B 7:0 DATARATE_M[7:0] The LSB of the mantissa value of the data rate equation, see Eq. (13). MOD2 10 77 7:4 MOD_TYPE Modulation type: • 0: 2-FSK • 1: 4-FSK • 2: 2-GFSK BT=1 • 3: 4-GFSK BT=1 • 5: ASK/OOK • 7: unmodulated • 10: 2-GFSK BT=0.5 • 11: 4-GFSK BT=0.5 3:0 DATARATE_E The exponent value of the data rate equation (see Eq. (13)). MOD1 11 03 7 PA_INTERP_EN 1: enable the PA power interpolator (see Section 4.4.6.1 PA configuration). 6 MOD_INTERP_EN 1: enable frequency interpolator for the GFSK shaping (see Section 4.4.1.1 Gaus sian shaping). 5:4 CONST_MAP Select the constellation map for 4-(G)FSK or 2-(G)FSK modulations (see Table 34. Constellation mapping 2- (G)FSK and Table 35. Constellation mapping 4-(G)FSK). 3:0 FDEV_E The exponent value of the frequency deviation equation, see Eq. (9). MOD0 12 93 7:0 FDEV_M The mantissa value of the frequency deviation equation, see Eq. (9). S2-LPS Register contents DS13831 - Rev 1 page 48/73 |