전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2-LPSQTR 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 S2-LPSQTR
상세설명  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 37Page - STMicroelectronics S2-LPSQTR Datasheet HTML 38Page - STMicroelectronics S2-LPSQTR Datasheet HTML 39Page - STMicroelectronics S2-LPSQTR Datasheet HTML 40Page - STMicroelectronics S2-LPSQTR Datasheet HTML 41Page - STMicroelectronics S2-LPSQTR Datasheet HTML 42Page - STMicroelectronics S2-LPSQTR Datasheet HTML 43Page - STMicroelectronics S2-LPSQTR Datasheet HTML 44Page - STMicroelectronics S2-LPSQTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
•
mode 2: 16 bits: the poly is (0x8005) X16+X15+X2+1
•
mode 3: 16 bits: the poly is (0x1021) X16+X12+X5+1
•
mode 4: 24 bits: the poly is (0x864CFB) X24+X23+X18+X17+X14+X11+X10+X7+X6+X5+X4+X3+X+1
•
mode 5: 32 bits the poly is (0x04C011BB7 ) x32+x26+ x23+ x22+ x16+ x12+ x11+ x10+ x8+ x7+ x5+ x4+ x2+x+1.
802.15.4g compatible
The initial state of the CRC polynomial is state to all 1b in all cases.
6.5.2
Manchester coding
Manchester coding can be enabled for the Basic and STack packet formats only by setting to ‘1’ the
MANCHESTER_EN register.
Use of Manchester coding is exclusive with FEC and Three-out-of-six coding.
When Manchester coding is enabled each bit ‘1’ is actually transmitted on air as a ‘10’ sequence while a bit ‘0’ is
transmitted as a ‘01’ sequence. If enabled, Manchester encoding is applied to all bits following the SYNC word.
S2-LPS
Automatic packet filtering
DS13831 - Rev 1
page 41/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73