| 전자부품 데이터시트 검색엔진 |
|
9DB803DGILFT 데이터시트(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB803DGILFT 데이터시트(HTML) 5 Page - Renesas Technology Corp |
|
5 / 23 page ![]() ICS9DB803D EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 IDT® EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 5 ICS9DB803D REV N 071013 Pin Descriptions for OE_INV=1 PIN # PIN NAME PIN TYPE DESCRIPTION 1SRC_DIV# IN Active low Input for determining SRC output frequency SRC or SRC/2. 0 = SRC/2, 1= SRC 2VDDR PWR 3.3V power for differential input clock (receiver). This VDD should be treated as an analog power rail and filtered appropriately. 3 GND PWR Ground pin. 4 SRC_IN IN 0.7 V Differential SRC TRUE input 5 SRC_IN# IN 0.7 V Differential SRC COMPLEMENTARY input 6OE0# IN Active low input for enabling DIF pair 0. 1 =disable outputs, 0 = enable outputs 7OE3# IN Active low input for enabling DIF pair 3. 1 =disable outputs, 0 = enable outputs 8 DIF_0 OUT 0.7V differential true clock output 9 DIF_0# OUT 0.7V differential Complementary clock output 10 GND PWR Ground pin. 11 VDD PWR Power supply, nominal 3.3V 12 DIF_1 OUT 0.7V differential true clock output 13 DIF_1# OUT 0.7V differential Complementary clock output 14 OE1# IN Active low input for enabling DIF pair 1. 1 =disable outputs, 0 = enable outputs 15 OE2# IN Active low input for enabling DIF pair 2. 1 =disable outputs, 0 = enable outputs 16 DIF_2 OUT 0.7V differential true clock output 17 DIF_2# OUT 0.7V differential Complementary clock output 18 GND PWR Ground pin. 19 VDD PWR Power supply, nominal 3.3V 20 DIF_3 OUT 0.7V differential true clock output 21 DIF_3# OUT 0.7V differential Complementary clock output 22 BYPASS#/PLL IN Input to select Bypass(fan-out) or PLL (ZDB) mode 0 = Bypass mode, 1= PLL mode 23 SCLK IN Clock pin of SMBus circuitry, 5V tolerant. 24 SDATA I/O Data pin for SMBus circuitry, 5V tolerant. |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |