| 전자부품 데이터시트 검색엔진 |
|
9DB803DGILFT 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB803DGILFT 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 23 page ![]() ICS9DB803D EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 IDT® EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 10 ICS9DB803D REV N 071013 Clock Periods–Differential Outputs with Spread Spectrum Enabled Clock Periods–Differential Outputs with Spread Spectrum Disabled 1 Clock 1us 0.1s 0.1s 0.1s 1us 1 Clock Lg- -SSC -ppm error 0ppm + ppm error +SSC Lg+ Absolute Period Short-term Average Long-Term Average Period Long-Term Average Short-term Average Period Minimum Absolute Period Minimum Absolute Period Minimum Absolute Period Nominal Maximum Maximum Maximum DIF 100 9.87400 9.99900 9.99900 10.00000 10.00100 10.05130 10.17630 ns 1,2,3 DIF 133 7.41425 7.49925 7.49925 7.50000 7.50075 7.53845 7.62345 ns 1,2,4 DIF 166 5.91440 5.99940 5.99940 6.00000 6.00060 6.03076 6.11576 ns 1,2,4 DIF 200 4.91450 4.99950 4.99950 5.00000 5.00050 5.02563 5.11063 ns 1,2,4 DIF 266 3.66463 3.74963 3.74963 3.75000 3.75038 3.76922 3.85422 ns 1,2,4 DIF 333 2.91470 2.99970 2.99970 3.00000 3.00030 3.01538 3.10038 ns 1,2,4 DIF 400 2.41475 2.49975 2.49975 2.50000 2.50025 2.51282 2.59782 ns 1,2,4 Notes Definition Units Measurement Window Symbol 1 Clock 1us 0.1s 0.1s 0.1s 1us 1 Clock Lg- -SSC -ppm error 0ppm + ppm error +SSC Lg+ Absolute Period Short-term Average Long-Term Average Period Long-Term Average Short-term Average Period Minimum Absolute Period Minimum Absolute Period Minimum Absolute Period Nominal Maximum Maximum Maximum DIF 100 9.87400 9.99900 10.00000 10.00100 10.17630 ns 1,2,3 DIF 133 7.41425 7.49925 7.50000 7.50075 7.62345 ns 1,2,4 DIF 166 5.91440 5.99940 6.00000 6.00060 6.11576 ns 1,2,4 DIF 200 4.91450 4.99950 5.00000 5.00050 5.11063 ns 1,2,4 DIF 266 3.66463 3.74963 3.75000 3.75038 3.85422 ns 1,2,4 DIF 333 2.91470 2.99970 3.00000 3.00030 3.10038 ns 1,2,4 DIF 400 2.41475 2.49975 2.50000 2.50025 2.59782 ns 1,2,4 1Guaranteed by design and characterization, not 100% tested in production. 3 Driven by SRC output of main clock, PLL or Bypass mode 4 Driven by CPU output of CK410/CK505 main clock, Bypass mode only 2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK409/CK410/CK505 accuracy requirements. The 9DB403/803 itself does not contribute to ppm error. Notes Measurement Window Units Symbol Definition |