전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

16F874 데이터시트(PDF) 15 Page - Microchip Technology

부품명 16F874
상세설명  EEPROM Memory Programming Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F874 데이터시트(HTML) 15 Page - Microchip Technology

Back Button 16F874 Datasheet HTML 11Page - Microchip Technology 16F874 Datasheet HTML 12Page - Microchip Technology 16F874 Datasheet HTML 13Page - Microchip Technology 16F874 Datasheet HTML 14Page - Microchip Technology 16F874 Datasheet HTML 15Page - Microchip Technology 16F874 Datasheet HTML 16Page - Microchip Technology 16F874 Datasheet HTML 17Page - Microchip Technology 16F874 Datasheet HTML 18Page - Microchip Technology 16F874 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2002 Microchip Technology Inc.
DS39025F-page 15
PIC16F87X
4.0
EMBEDDING THE CONFIGURATION WORD AND ID INFORMATION IN THE
HEX FILE
To allow portability of code, the programmer is required to read the configuration word and ID locations from the HEX
file when loading the HEX file. If configuration word information was not present in the HEX file, then a simple warning
message may be issued. Similarly, while saving a HEX file, configuration word and ID information must be included.
An option to not include this information may be provided.
Specifically for the PIC16F87X, the EEPROM data memory should also be embedded in the HEX file (see
Section 2.2).
Microchip Technology Inc. feels strongly that this feature is important for the benefit of the end customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22